? 2007 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com d-10 e-mail: sales@glenair.com series 801 series 801 mighty mouse double-start acme thread a b c d e f g h j k l m n p series 801 printed circuit board receptacle these receptacles feature a low pro? le shell for minimum protrusion inside enclosures. contacts are non- removable. connectors are back? lled with epoxy for a watertight seal. two shell styles: jam nut with o-ring for rear panel mounting, or square ? ange. how to order sample part number 801-011 C 07 m 7-10 p a series shell style shell material / finish shell size- insert arrangement contact type shell key position 801-011 receptacle 02 square flange 07 jam nut c aluminum / black anodize m aluminum / electroless nickel nf aluminum / cadmium with olive drab chromate zn aluminum / zinc-nickel with olive drab chromate znu aluminum / zinc-nickel with black chromate z1 stainless steel / passivated 5-3 3 #23 6-1 1 #16 6-4 4 #23 6-7 7 #23 7-1 1 #12 7-10 10 #23 8-13 13 #23 9-4 4 #16 9-19 19 #23 10-26 26 #23 13-2 2 #12 13-37 37 #23 16-55 55 #23 17-85 85 #23 p pin, pc tail s socket, pc tail e pin, solder cup f socket, solder cup a normal alternate key positions: b c d series 801 receptacles with pcb or solder cup contacts pcb contacts feature gold-plated tails for solder termination to rigid or ? exible circuits. solder cup contacts are factory- installed and fully sealed with epoxy. rev. 05-feb-2007
series 801 series 801 mighty mouse double-start acme thread a b c d e f g h j k l m n p ? 2007 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com d-11 e-mail: sales@glenair.com dimensions shell size ? a b flat c flat d thread e thread un-2a ? f g max h bsc ? j ? k ? l tail dia. in. .003 mm. 0.08 in. mm. in. mm. in. mm. in. mm. in. mm. in. mm. in. mm. 5 .575 14.61 .350 8.89 .545 13.84 .3125-.05p-.1l-2a .3750-28 .244 6.20 .530 13.46 .363 9.22 .680 17.27 .093 2.36 #23 .018/.022 (0.46/0.56) #16 .060/.064 (1.52/1.63) #12 .092/.096 (2.34/2.44) 6 .635 16.13 .410 10.41 .595 15.11 .375-.05p-.1l-2a .4375-28 .330 8.38 .590 14.99 .423 10.74 .750 19.05 .093 2.36 7 .755 19.18 .536 13.61 .723 18.36 .4375-.05p-1l2a .5625-32 .432 10.97 .650 16.51 .483 12.27 .850 21.59 .093 2.36 8 .755 19.18 .563 14.30 .723 18.36 .5000-.05p-.1l-2a .5625-32 .493 12.52 .712 18.08 .545 13.84 .938 23.83 .128 3.25 9 .830 21.08 .596 15.14 .790 20.07 .5625-.05p-.1l-2a .6250-28 .551 14.00 .850 21.59 .607 15.42 1.125 28.58 .128 3.25 10 .890 22.61 .658 16.71 .855 21.72 .6250-.05p-.1l-2a .6875-28 .620 15.75 .890 22.61 .670 17.02 1.188 30.18 .128 3.25 13 1.078 27.38 .845 21.46 1.044 26.52 .8125-.1p-.2l-2a .875-28 .703 17.86 1.030 26.16 .812 20.62 1.375 34.93 .128 3.25 16 1.264 32.11 1.022 25.96 1.230 31.24 1.000-.1p-.2l-2a 1.0625-20 .863 21.92 1.219 30.96 .981 24.92 1.625 41.28 .128 3.25 17 1.325 33.66 1.096 27.84 1.290 32.77 1.062-.1p-.2l-2a 1.125-28 .912 23.16 1.280 32.51 1.060 26.92 1.700 43.18 .128 3.25 master keyway b flat c flat ? a 19 1 9 17 1 7 16 1 6 13 1 3 12 1 2 8 7 4 3 1 4x ? k thru ? j g sq typ 13 1 3 16 1 6 8 12 1 2 3 1 19 1 9 4 7 17 1 7 h bsc typ jam nut 801-011-07 square flange 801-011-02 series 801 receptacles with pcb or solder cup contacts series 801 panel cutout shell style 02 square flange shell style 07 jam nut shell size ? a ? b ? c d flat ? e in. .002 mm. 0.05 in. mm. in. mm. in. mm. in. mm. 5 .330 8.38 .363 9.22 .093 2.36 .360 9.14 .385 9.78 6 .390 9.91 .423 10.74 .093 2.36 .420 10.67 .448 11.37 7 .450 11.43 .483 12.27 .093 2.36 .551 14.00 .573 14.55 8 .510 12.95 .545 13.84 .093 2.36 .551 14.00 .573 14.55 9 .575 14.61 .607 15.42 .128 3.25 .609 15.47 .635 16.13 10 .640 16.26 .670 17.02 .128 3.25 .671 17.04 .698 17.73 13 .825 20.96 .812 20.65 .128 3.25 .859 21.82 .885 22.48 16 1.015 25.78 .981 24.92 .128 3.25 1.038 26.37 1.075 27.31 17 1.075 27.31 1.060 26.92 .128 3.25 1.111 28.22 1.135 28.83 ? e d flat ? c .003 (0.08) b bsc ? a .125 (3.18) min .060 (1.5) .925 (23.5) max red full mate indicator band d thread e thread ? f ? l .025 pc tail .280 (7.1) max .100 (25.4) max panel thickness ? f ? l .125 (3.18) min .025 pc tail .280 (7.1) max .060 (1.5) .760 (19.3) max red full mate indicator band d thd rev. 05-feb-2007
|